Part Number Hot Search : 
KA2807D MC10E 15020 5YGCDTS TLP202G 2SC4310 82S129 PT1206
Product Description
Full Text Search
 

To Download L2SC4097RT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Medium Power Transistor
L2SC4097RT1
Features 1) High ICMax. ICMax. = 0.5mA 2) Low VCE(sat). Optimal for low voltage operation. 3) Pb-Free Package is available.
L2SC4097RT1
3
1 2
SC-70 (SOT-323)
MAXIMUM RATINGS (TA = 25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature *PC must not be exceeded. Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 40 32 5 0.5 0.2 150 -55~+150 Unit V V V A* W C C
1 BASE
3 COLLECTOR
2 EMITTER
ELECTRICAL CHARACTERISTICS(TA = 25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltgae Collector cutoff current Emitter cutoff current DC current transfer ratio Collcetor-emitter saturation voltage Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE VCE(sat) fT Cob Min. 40 32 5 180 Typ 250 6.0 Max. 1 1 390 0.4 Unit V V V A A V MHz pF Conditions IC=100A IC=1mA IE=100A VCB=20V VEB=4V VCE=3V,IC=100mA IC/IB=500mA/50mA VCE=5V,IE=-20mA,f=100MHz VCB=10V,IE=0A,f=1MHz
MARKING AND ORDERING INFORMATION
Device L2SC4097RT1 L2SC4097RT1G Marking CR CR (Pb-Free) Shipping 3000/Tape&Reel 3000/Tape&Reel
L2SC4097RT1-1/4
LESHAN RADIO COMPANY, LTD.
L2SC4097RT1 Electrical characteristic curves(TA = 25C)
1000 500
COLLECTOR CURRENT : IC(mA)
VCE=6V
100
Ta = 25OC
A 0.50m
0.45m
A
COLLECTOR CURRENT : IC(mA)
200 100 50 20 10 5 2 1 0.5 0.2 0.1 0.2
0.40mA
Ta=100OC 80OC 25OC 25OC 55 OC
0.35mA
0.30mA
0.25mA
50
0.20mA
0.15mA
0.10mA
0.05mA
0
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0
1
2
3
IB = 0A 4
5
BASE TO EMITTER VOLTAGE : VBE(V)
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
Fig.1
Grounded emitter propagation characteristics
Fig.2
Grounded emitter output characteristics(I)
COLLECTOR SATURATION VOLTAGE : VCE(sat)(V)
500
Ta = 25OC
1
Ta = 25OC lC /l B = 10
COLLECTOR CURRENT : IC(mA)
400
300
2mA 1.8mA 1.6mA 1.4mA 1.2mA 1.0mA 0.8mA
0.5
0.2
200
0.1
0.6mA 0.4mA
100
0.05
0.2mA
0 0 1 2 3 4
IB= 0A 5
0.02 0.5 1 2 5 10 20 50 100 200 500 1000
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
Fig.3
Grounded emitter output characteristics(II)
Fig.4 Collector-emitter saturation voltage vs. collector current
L2SC4097RT1-2/4
LESHAN RADIO COMPANY, LTD.
L2SC4097RT1 Electrical characteristic curves(TA = 25C)
1000
VCE = 3V
TRANSITION FREQUENCY : f (MHz)
500
DC CURRENT GAIN : h
FE
500
O C Ta = 100O 75 C O 50 C O 25 C
Ta = 25 C V CE = 5V
O
T
200
200
100
50
O 0C O 25 C OC 50
100
20 10 0.1
50
0.2
0.5
1
2
5
10
20
50 100 200
500 1000
0.5
1
2
5
10
E
20
50
COLLECTOR CURRENT : IC(mA)
EMITTER CURRENT : I (mA)
Fig.5 DC current gain vs. collector current
Fig.6 Gain bandwidth product vs. emitter current
COLLECTOR OUTPUT CAPACITANCE : Cob(pF)
: Cib(pF)
50
Ta = 25 C f = 1MHz IE =0A IC = 0A
Cib
O
EMITTER INPUT CAPACITANCE
20
10
Cob
5
2 0.5
1
2
5
10
(V)
20
50
COLLECTOR TO BASE VOLTAGE : VCE(V) EMITTER TO BASE VOLTAGE: V
EB
Fig.7
Collector output capacitance vs. collector-base voltage Emitter input capacitance vs. emitter-base voltage
L2SC4097RT1-3/4
LESHAN RADIO COMPANY, LTD.
L2SC4097RT1
SC-70 / SOT-323
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
A L
3
DIM A B C D G H J K L N S
S
1 2
B
D G
C 0.05 (0.002)
N K
J
INCHES MILLIMETERS MIN MA X MIN MA X 0.071 0.087 1.80 2.20 0.045 0.053 1.15 1.35 0.032 0.040 0.80 1.00 0.012 0.016 0.30 0.40 0.047 0.055 1.20 1.40 0.000 0.004 0.00 0.10 0.004 0.010 0.10 0.25 0.017 REF 0.425 REF 0.026 BSC 0.650 BSC 0.028 REF 0.700 REF 0.079 0.095 2.00 2.40
H
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.025 0.65
0.025 0.65
0.075 1.9 0.035 0.9 0.028 0.7 inches mm
L2SC4097RT1-4/4


▲Up To Search▲   

 
Price & Availability of L2SC4097RT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X